PART |
Description |
Maker |
LT1108 LT1108-12 LT1108-5 LT1108CN8 LT1108CN8-12 L |
4-Bit Synchronous Up/Down Binary Counters With Dual Clock and Clear 16-SOIC 0 to 70 From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
T6309B |
Micropower Step-up DC/DC Converter
|
TM Technology, Inc.
|
MIC2142 MIC2142BM5 |
Micropower Boost Converter
|
MICREL[Micrel Semiconductor]
|
LT1073 LT1073CN8-12 LT1073CN8PBF LT1073CS8-5PBF LT |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 23 kHz SWITCHING FREQ-MAX, PDIP8 Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 23 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
AT1310X AT1310 AT1310X-PBF |
MICROPOWER CHARGE PUMP CONVERTER
|
Aimtron Technology
|
ADP1108 ADP1108AN ADP1108AN-12 ADP1108AN-33 ADP110 |
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
AS1340 |
50V, Micropower, DC-DC Boost Converter
|
austriamicrosystems AG
|
MC33463 |
VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
|
Motorola
|
ST5R50U ST5R00 ST5R25M ST5R25MTR ST5R25U ST5R28M S |
MICROPOWER VFM STEP-UP DC/DC CONVERTER
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
LT1615 LT1615-1 LT1615ES5 LT1615ES5-1 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter Micropower Step-Up DC/DC Convertersin SOT-23 0.4 A SWITCHING REGULATOR, PDSO5 Micropower Step-Up DC/DC Convertersin SOT-23 微功率升压直直流Convertersin的SOT - 23
|
http:// LINER[Linear Technology] Linear Technology, Corp.
|